|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2SB1375 TOSHIBA Transistor Silicon PNP Triple Diffused Type 2SB1375 Audio Frequency Power Amplifier Unit: mm * * * * Low saturation voltage: VCE (sat) = -1.5 V (max) (IC = -2 A, IB = -0.2 A) High power dissipation: PC = 25 W (Tc = 25C) Collector metal (fin) is covered with mold resin Complementary to 2SD2012 Absolute Maximum Ratings (Tc = 25C) Characteristics Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature range Ta = 25C Tc = 25C Symbol VCBO VCEO VEBO IC IB PC Tj Tstg Rating -60 -60 -7 -3 -0.5 2.0 25 150 -55 to 150 Unit V V V A A JEDEC W C C 2-10R1A JEITA TOSHIBA Weight: 1.7 g (typ.) Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). 1 2006-11-21 2SB1375 Electrical Characteristics (Tc = 25C) Characteristics Collector cut-off current Emitter cut-off current Collector-emitter breakdown voltage DC current gain Collector-emitter saturation voltage Base-emitter voltage Transition frequency Collector output capacitance Symbol ICBO IEBO V (BR) CEO hFE (1) hFE (2) VCE (sat) VBE fT Cob Test Condition VCB = -60 V, IE = 0 VEB = -7 V, IC = 0 IC = -50 mA, IB = 0 VCE = -5 V, IC = -0.5 A VCE = -5 V, IC = -2 A IC = -2 A, IB = -0.2 A VCE = -5 V, IC = -0.5 A VCE = -5 V, IC = -0.5 A VCB = -10 V, IE = 0, f = 1 MHz Min -60 100 15 Typ. -1.0 -0.75 9 50 Max -10 -10 320 -1.5 -1.0 V V MHz pF Unit A A V Marking B1375 Part No. (or abbreviation code) Lot No. A line indicates lead (Pb)-free package or lead (Pb)-free finish. 2 2006-11-21 2SB1375 IC - VCE -3.0 hFE - IC DC current gain hFE -90 -80 -70 -60 -50 -40 -30 500 300 25 -25 100 50 30 20 -0.01 Tc = 100C -100 -2.5 (A) Collector current IC -2.0 -1.5 Common emitter VCE = -5 V -0.03 -0.1 -0.3 -1 -3 -5 -20 IB = -10 mA -1.0 Collector current IC -0.5 Common emitter Tc = 25C 0 0 -1 -2 -3 -4 -5 -6 (A) Collector-emitter voltage VCE (V) VCE (sat) - IC -2 Common emitter -3 IC/IB = 10 IC - VBE Collector-emitter saturation voltage VCE (sat) (V) -1 -0.5 -0.3 (A) -25 -0.1 -0.05 -0.03 25 Collector current IC Tc = 100C -2 Tc = 100C -1 25 -25 Common emitter -0.01 -0.01 -0.03 -0.1 -0.3 -1 -3 -5 Collector current IC (A) 0 0 VCE = -5 V -0.4 -0.8 -1.2 -1.6 -2.0 Base-emitter voltage VBE (V) 3 2006-11-21 2SB1375 rth - tw 100 Transient thermal resistance rth (C/W) (1) Ta = 25C No heat sink (2) Tc = 25C Infinite heat sink 30 (1) 10 (2) 3 1 0.3 0.001 0.01 0.1 1 10 100 Pulse width tw (s) Safe Operating Area -10 IC max (pulsed)* PC - Ta PC (W) 25 (1) 20 (1) Tc = Ta Infinite heat sink (2) No heat sink (A) -5 -3 IC max (continuous) 10 ms* 100 ms* -1 -0.5 DC operation Tc = 25C 1 ms* IC Collector power dissipation Collector current 15 *: Single nonrepetitive pulse Tc = 25C -0.3 Curves must be derated linearly with increase in temperature. -0.1 -1 -3 -5 -10 10 5 (2) 0 0 VCEO max -30 -50 -100 -200 25 50 75 100 125 150 175 Collector-emitter voltage VCE (V) Ambient temperature Ta (C) 4 2006-11-21 2SB1375 RESTRICTIONS ON PRODUCT USE * The information contained herein is subject to change without notice. 20070701-EN * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations. 5 2006-11-21 |
Price & Availability of 2SB137506 |